Part Number Hot Search : 
78L05 UPC2900 LBA025M2 1N5243B TUA1574 16360 HVD132 5S211
Product Description
Full Text Search
 

To Download KSM-914LG1T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optic receiver module
KSM-91aLG1T
The KSM-91aLG1T consist of a PIN Photodiode of high speed and a preamplifier IC in the package as an receiver for Infrared remote control systems DIMENSIONS
Features yWide angle design ySupply-voltage range : 4.5V to 5.5V yShielded against electrical field disturbance yHigh immunity against ambient light disturbances
(Logic Controller Adaptation)
yAvailable for carrier frequencies between 32.7KHz to 56.9KHz yTTL and CMOS compatible Applications yAudio & Video Applications (TV, VTR, Audio, DVDP, CDP) yHome Appliances (Air conditioner, Computer, Camcoder) yWireless Toys yRemote Control Equipment Maximum Ratings
Parameter Supply Voltage Operating Temperature Storage Temperature Soldering Temperature Symbol Vcc Topr Tstg Tsol Ratings 6.0 -10 ~ +60 -20 ~ +75 260 (Max 5 sec)
[Ta=25E] Unit V E E E
B.P.F Center Frequency
Model No. KSM-911LG1T KSM-912LG1T KSM-913LG1T KSM-914LG1T KSM-915LG1T B.P.F Center Frequency(O) 40.0 36.7 37.9 32.7 56.9 [Ta=25E, Vcc=5.0V] Max. Unit 5.5 V 1.2 I O m V 0.25 700 800 V A A
Electro-Optical Characteristics
Parameter Recommended Supply Voltage Current Consumption Peak Wavelength *1 B.P.F Center Frequency Transmission Distance High level Output voltage Low level Output voltage *1 *1 *1 Symbol Vcc Icc ep fo L VOH VOL TWH TWL Condition No signal input Min. 4.5 21 17 4.5 400 Typ. 5 1.0 940 37.9 5.0 0.1 600
2503/450lx 30cm over the ray axis
0 3/430
High level Output Pulse Width *1 Low level Output Pulse Width *1 Output Form
Burst wave=600A Period = 1.2A
500 600 Active Low Output
*1. It specifies the maxmum distance between emitter and detector that the output wave form satisfies the standard under the conditions below against the standard transmitter. 1) Measuring place : Indoor without extreme reflection of light high frequency lightning 3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVP-P under the measuring circuit 2) Ambient light source : Detecting surface illumination shall be irradiate 2003/450lx under ordinary white fluorescence lamp without
1/2
Optic receiver module
KSM-91a LG1T
a Measuring Method [Ta=25E]
Output Pulse Width
Transmitter output Carrier Frequency(fo) Duty50% Remocon output pulse
Standard Transmitter
Test Method of Transmission Distance
+5V
600us 600us
Standard Tansmitter
10U
Vout
Transmitter
10U 10 Vout
Arrival Distance : L
OSC
Vcc GND : Indicates horizontal and vertical directions
VH
TWL
THL
25Cm
VI
a Typical Characteristics Curve [Ta=2 5E]
Relative reception distance Vs. Supply voltage
Relative reception distance Relative reception distance
120 [%] 100 80 60 40 20 0 4.5 5.0 5.5
Relative reception distance Vs. Ambient temperature
120 [%] 100 80 60 40 20 0
Radiant pattern
20 40 60 0 -20 -40 -60
80 0 100 100
-10 0 10 20 30 40 50 [E] 0
-80
50
50
-100 100
[V]
Supply voltage Vcc
Ambient temperature Ta
Relative Sensitivity (%)
a Standard Application Circuit with R-C Decoupling Filter
R Transmitter Receiver Module Vcc Vout GND *1 Recommended Circuit Description 1) Transmitter(IRED) drive current : IFP = 300mAP-P ~ 600mAP-P 2) R-C Decoupling Filter with Lower Cut-off Frequency : R=100U , C=47 : 10kU over fc = 1/2 RC = 33.9Hz 3) External pull-up resistor(optional) Vcc C Rp micom GND
2/2


▲Up To Search▲   

 
Price & Availability of KSM-914LG1T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X